Part Number Hot Search : 
KE200 C106BG SAM3U 10S47 ZS210 20000 AD2026 PWR1106C
Product Description
Full Text Search
 

To Download CJ1W-CLK21-V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SYSMAC CJ-series Controller Link Units
CJ1W-CLK
CSM_CJ1W-CLK_DS_E_2_1
New Controller Link Units, Now with 4,000 Send Words
* The Controller Link is an FA network that can send and receive large amounts of data easily and at high speed. The Controller Link supports data links that enable sharing data between PLCs and computers and a message service that enables sending and receiving data whenever required. * Systems can be flexibly built by using Repeater Units to enable T-branches, long-distance wiring, and converting part of the network to optical cable.
CJ1W-CLK23
Features
* Large-capacity data links are easily achieved without programming simply by setting data link tables. * Up to 20,000(See note 1.) send/receive words can be set per node for Units (up to 62,000 words for Boards). * Data links can be performed with up to 4,000(See note 2.) words per node while ensuring data concurrency. * User-set data link tables can be changed while data links are operating.(See note 3.) * Errors for the entire system can be monitored by using error diagnosis support software and a variety of status flags. Note: 1. Supported for unit version 1.2 or later. 2. CJ1W-CLK23 and 3G8F7-CLK@3 are supported. 3. Supported for CJ1W-CLK23, 3G8F7-CLK@3, and models ending with "-V1".
System Configuration
Wired Controller Link Units
Basic Wiring (Daisy Chain Connection)
A A A A (1) B (1) C D A A (1) (1) B A (2) C (1) 1km Max. * 1km Max. * 1km Max. * (1) B A A B B
T-Branch Wiring, Partial Conversion to Optical Cable
A A
1km Max. *
Long-distance Wiring
A
D
D
(1)
A: Wired Controller Link Unit B: Wired Controller Link Support Board C: Wire-to-Optical Repeater Unit D: Wire-to-Wire Repeater Unit * At 500 kbits/s
(1): Twisted-pair cable (2): Optical cable
1
CJ1W-CLK
Ordering Information
Controller Link Units, New Models
Specifications Unit classification Product name Communications cable Communications type Duplex support Max. Units mountable per CPU Unit No. of unit numbers allocated Current consumption (A) Model 5 V DC 24 V DC Standards
Controller Link Unit CJ1 CPU Bus Unit Wired shielded twisted-pair cable(See note.) Data links and message service No 8 1 0.35 - CJ1W-CLK23 UC1,N,L, CE
Controller Link Units, Old Models
New models are fully compatible with old models and provide enhanced functionality, such as an increase in the number of send words from 1,000 to 4,000 words. Both types can be used simultaneously on the same network. Select a new model when ordering.
Specifications Unit classification Product name Communications cable Wired shielded twisted-pair cable (See note.) Communications type Data links and message service Duplex support Max. Units mountable per CPU Unit 8 No. of unit numbers allocated Current consumption (A) 5 V DC 24 V DC
Model Note: New models are listed abobe.
Standards
CJ1 CPU Bus Unit
Controller Link Unit
No
1
0.35
-
CJ1W-CLK21-V1
UC1,N,L, CE
Note: Use the following special cable for shielded, twisted-pair cable. * ESVC0.5x2C-13262 (Bando Electric Wire: Japanese Company) * ESNC0.5x2C-99-087B (Nihon Electric Wire & Cable Corporation: Japanese Company) * ESPC 1Px0.5mm2 (Nagaoka Electric Wire Co.,Ltd.: Japanese Company) * Li2Y-FCY2x0.56qmm (Kromberg & Schubert, Komtec Department: German Company) * 1x2xAWG-20PE+Tr.CUSN+PVC (Draka Cables Industrial: Spanish Company) * #9207 (Belden: US Company)
Accessories
There is no accessory for the CJ series Controller Link Unit.
Controller Link Support Boards, New Models
Specifications Product name Controller Link Support Board for PCI Bus Communications cable Communications type Accessories Model Standards
Wired shielded twisted-pair cable
Data links and message service
* CD-ROM x1 (See note.) * INSTALLATION GUIDE (W467) x1 * Communications connector x1
3G8F7-CLK23-E
CE
Controller Link Support Boards, Old Models
New models are fully compatible with old models and provide enhanced functionality, such as an increase in the number of send words from 1,000 to 4,000 words. Both types can be used simultaneously on the same network. Select a new model when ordering. Specifications Product name Controller Link Support Board for PCI Bus Communications cable Wired shielded twisted-pair cable Communications type Data links and message service Accessories * CD-ROM x1 (See note.) * INSTALLATION GUIDE (W422) x1 * Communications connector x1 Model
Note: New models are listed abobe.
Standards
3G8F7-CLK21-EV1
CE
Note: The CD-ROM contains the following software. * Controller Link (PCI) Driver * FinsGateway Version 2003 (PCI-CLK Edition) * FinsGateway Version 3 (PCI-CLK Edition) * Setup Diagnostic Utility * C Library
2
CJ1W-CLK
Repeater Units
Name Controller Link Repeater Unit
CS1W-RPT
PWR T/R1 T/R2
Specifications Wire-to-Wire Model
Model CS1W-RPT01 CS1W-RPT02 CS1W-RPT03
Standards
01
Wire-to-Optical (H-PCF) Model (See note 1.) Wire-to-Optical (GI) Model (See note 2.)
UC1,CE
SL1
TER SW
SW1 1 BAUD 2 RATE
ON TER SW
SL2
DC24V INPUT
Using Repeater Units enables T-branches and long-distance wiring for Wired Controller Link networks, 62-node configurations, and converting part of the network to optical cable. Note: 1. When using wire-to-optical (H-PCF) cable, use a H-PCF cable (for both Controller Link and SYSMAC LINK) or a H-PCF optical fiber cable with connector. 2. When using wire-to-optical (GI) cable, use a GI optical cable (for Controller Link).
Relay Terminal Block
Name Relay Terminal Block for Wired Controller Link Units Used for Wired Controller Link Units (set of 5) CJ1W-TB101 - Specifications Model Standards
Controller Link Units can be replaced without stopping the communications of the entire network if a Relay Terminal Block is installed in advance on the Unit in a Wired Controller Link network. Relay Terminal Blocks cannot be used on Controller Link Support Boards.
H-PCF Cables and Optical Connectors
Name Application/construction
1 2 3 4 5 6
Specifications Black Black Black Black Two-core optical cable with tension member Black Orange Orange Orange Orange Orange Half lock 10 m 50 m 100 m 500 m 1000 m 10 m 50 m 100 m 500 m 1000 m
Model S3200-HCCB101 S3200-HCCB501 S3200-HCCB102 S3200-HCCB502 S3200-HCCB103 S3200-HCCO101 S3200-HCCO501 S3200-HCCO102 S3200-HCCO502 S3200-HCCO103 S3200-COCF2571
Standards
Optical Fiber Cables
Controller Link, SYSMAC LINK, SYSBUS
1. Optical fiber single-core cord 2. Tension member (plastic-sheathed wire) 3. Filler (plastic) 4. Filler surrounding signal wires (plastic, yarn, or fiber) 5. Holding tape (plastic) 6. Heat-resistant PV sheath
-
Optical Connectors (Crimp-cut)
CS1W-RPT02 Full lock S3200-COCF2071
H-PCF Optical Fiber Cables with Connectors (Black Composite Cables with Two-Optical Lines and Two Power Supply Lines)
Application Appearance Model S3200-CN@@@-20-20 Controller Link, SYSMAC LINK Standards
S3200-CN@@@-20-25
-
S3200-CN@@@-25-25 Optical connectors for H-PCF Optical Cables with Connectors are adhesive polished.
* Cable Length
The following cable lengths are available: 2 m, 5 m, 15 m, 20 m. For lengths of 21 m or more, contact your OMRON sales representative.
3
CJ1W-CLK
* Model Numbers
(1) 2 m, 5 m, 10 m, 15 m, or 20 m (2) 21 m or longer
S3200-CN@@@ @@@-20-25
1. 2. 3.
S3200-CN-20-20
1. 3. Specify the cable length in meters.
1. H-PCF Optical Fiber Cable
2. Cable length @@@ 201 501 102 152 202 Length 2m 5m 10 m 15 m 20 m
3. Connectors (both ends) Number Connector lock 20 Full-lock 25 Half-lock
Cable length
* Optical Connector Assembly Tool
Name Optical Fiber Assembly Tool (See note.) Applicable Unit This tool is used on site for mounting crimp-cut connectors and hard plastic-clad silica optical fiber for optical transmission systems of SYSMAC C-series SYSBUS, SYSMAC LINK, and Controller Link. Model Manufacturer Sumitomo Electric Industries, Ltd. Standards
CAK-0057
-
Note: There is a risk of quality problems when using cables assembled by typical users, so we recommend purchasing cables with preattached connectors or having a qualified technician assemble the cables.
GI Optical Cables
A qualified technician must select, assemble, and install GI Optical Fiber Cable, so always let an optical cable specialist handle the GI cable. Usable Optical Cables and Optical Connectors * Optical fiber types: Graded, indexed, multi-mode, all quartz glass, fiber (GI-type AGF cable) * Optical fiber construction (core diameter/clad diameter): 62.5/125 m or 50/125 m * Optical fiber optical characteristics of optical fiber: Refer to the tables. * Optical connector: ST connector (IEC-874-10)
* 50/125 m AGF Cable
Item Numerical Aperture (N.A) Transmission loss (dB) Connection loss (dB) Transmission bandwidth (MHz-km) 500 Minimum - Standard 0.21 Maximum - 3.0Lf - - 3.0Lf+0.2 3.0Lf+0.4 - - - 1.0 - 0.5 km Lf 0.2 km Lf 0.5 km Lf 0.2 km = 0.8 m, one location = 0.85 m (LD) = 0.8 m Ta = 25C Conditions -
* 62.5/125 m AGF Cable
Item Numerical Aperture (N.A) Transmission loss (dB) Connection loss (dB) Transmission bandwidth (MHz-km) 200 Minimum - Standard 0.28 Maximum - 3.5Lf - - 3.5Lf+0.2 3.5Lf+0.4 - - - 1.0 - 0.5 km Lf 0.2 km Lf 0.5 km Lf 0.2 km = 0.8 m, one location = 0.85 m (LD) = 0.8 m Ta = 25C Conditions -
Lf is fiber length in km, Ta is ambient temperature, and is the peak wavelength of the test light source.
Lf is fiber length in km, Ta is ambient temperature, and is the peak wavelength of the test light source.
International Standards * The standards indicated in the "Standards" column are those current for UL, CSA, cULus, cUL, NK, and Lloyd standards and EC Directives as of the end of July 2007. The standards are abbreviated as follows: U: UL, U1: UL (Class I Division 2 Products for Hazardous Locations), C: CSA, UC: cULus, UC1: cULus (Class I Division 2 Products for Hazardous Locations), CU: cUL, N: NK, L: Lloyd, and CE: EC Directives. * Ask your OMRON representative for the conditions under which the standards were met.
4
CJ1W-CLK
Mountable Racks
CJ1 System Model CJ1W-CLK23 CJ1W-CLK21-V1 Unit version 2.0 Unit version 1.2 CPU Rack Expansion Backplane CP1H System CP1H PLC 2 Units (See note 1.) NSJ System NSJ Controller Not supported (See note 2.) Expansion Backplane 8 Units (See note 3.)
8 Units (per CPU Unit)
Note: 1. A CP1W-EXT01 CJ Unit Adaptor is required. 2. One NSJW-CLK21-V1 can be mounted to the NSJ Controller. 3. If an Expansion Rack is used, the NSJW-CLK21-V1 cannot be mounted to the NSJ Controller.
Communications Specifications
Items Model Type Communications method Code Modulation Synchronization Transmission speed Maximum transmission distance Maximum distance between nodes Medium Node connection method Maximum number of nodes Applicable Programming Devices Communications functions Number of data link words CJ1W-CLK23 3G8F7-CLK23-E CJ1W-CLK21-V1 3G8F7-CLK21-EV1 Wired (shielded twisted-pair cable) N:N token-bus method Manchester code Baseband code Flag synchronization (conforms to HDLC frames) The following are the maximum transmission distances depending on the transmission speed. 2 Mbits/s: 500 m 1 Mbits/s: 800 m 500 kbits/s: 1 km Not specified. (Maximum transmission distance must be satisfied for the entire system.) Specified shielded twist-pair cable Two signal wires, one shield PLC: Connection to terminal block Computer: Connection using special (supplied) connector 32 or 62 nodes (See note 1 and 2.) CX-Integrator in CX-One, CX-Net in CX-Programmer (See note 2.), and Programming Console Data links and message service Send words per node: 4,000 words max. (CJ1W-CLK@3), 1,000 words max. (All other Units) Number of send/receive words per node: 12,000 words max. (Pre-Ver. 1.2) 20,000 words max. (unit Ver. 1.2 or later) Total number of send words per network: 62,000 words max. PLC: Bit areas (CIO Area, Work Area, Link Area (See note 3.)), Data Memory (DM), Extended DM Area (EM) Computer: FinsGateway event memory 2,012 bytes max. (including the header) * * * * * Polling node backup function Self-diagnosis function (hardware checking at startup) Echoback test and broadcast test (using the FINS command) Watchdog timer Error log function Specifications
Transmission path format Multidrop method (bus type)
Data link areas Message length
RAS functions
Error control
Manchester code check CRC check (CCITT X16+X12+X5+1)
Note: 1. With wired models, the maximum number of nodes is 32 if Repeater Units are not used. A Repeater Unit is required when building a network with more than 32 nodes. If a Repeater Unit is used, be sure to use only the following Controller Link Units or Boards and set the Wired Network 62 Node Enable Bit in the DM Parameter Area software switches at all nodes. CS1W-CLK23/CLK21-V1 CJ1W-CLK23/CLK21-V1 3G8F7-CLK23-E/CLK21-EV1 2. CX-Net in CX-Programmer version 3.1 or earlier can be used only in a system with a maximum of 32 nodes (node address 1 to 32). If a system is to be used with a maximum of 62 nodes (node addresses 1 to 62), use CX-Net in CX-Programmer version 3.2 or higher or the CX-Integrator. 3. CJ-series PLCs do not have a Link Area, but LR000 to LR199 are automatically converted CIO 1000 to CIO 1199.
5
CJ1W-CLK
Individual Specifications
Controller Link Units
Item Model Applicable PLC Number of mountable Units Installation site Storage location of network parameters and manually set data link tables Storage location of routing tables Weight Current consumption: 5 V in PLC CJ1W-CLK23 CJ1W-CLK21-V1 All CJ-series CPU Units 8 max. Install onto a CPU Backplane or Expansion Backplane (classified as a CPU Bus Unit). System Bus Unit Area (in the CPU Unit parameter area). CPU Unit parameter area 110 g 0.35 A Specifications
Controller Link Support Boards (for PCI Bus)
Item Model 3G8F7-CLK23-E 3G8F7-CLK21-EV1 Specifications 3G8F7-CLK13-E 3G8F7-CLK12-EV1 3G8F7-CLK53-E 3G8F7-CLK52-EV1
Computer-compatible models
IBM PC/AT or compatible * CPU: Intel Celeron 400 MHz or better * Main memory: 128 MB minimum * One or more PCI bus slots (PCI bus revision 2.0 or later, power supply: 5 V) * Free hard disk space: 70 MB min. * CD-ROM drive: One required for installation * Display: VGA (640 x 480 (pixels) min.) (Other conditions conform to the OS.) * FinsGateway Version2003 WindowsXP Professional WindowsXP Home Edition Windows2000 Professional * FinsGateway Version3 WindowsXP Professional WindowsXP Home Edition Windows2000 Professional WindowsNT4.0 (Service Pack 3 or higher) WindowsME Windows98SE 104 g 120 g (excluding mounting bracket) 0.54 A - 0.35 A 124 g (excluding mounting bracket) 0.60 A 0.35 A
Compatible OS
Weight Current consumption 5 V in PLC External 24 V
0.35 A
Install FinsGateway version 3 if the operating system is Windows NT 4.0 (Service pack 3 or higher), Windows ME, or Windows 98SE. In that case, however, the new functions of Controller Link Support Boards for the PCI Bus cannot be used (i.e., automatic data link creation with 1:N allocation, changing data link tables with active data links, 62-node setting for wired models, and maximum of 4000 send words).
Repeater Units
Item Model Supported Units/Boards Transmission line Transmission line format Installation Weight Allowable power supply voltage range Current consumption Inrush current CS1W-RPT01 Specifications CS1W-RPT02 CS1W-RPT03 All wired Controller Link Units and Boards Note: If a maximum of 62 nodes is used, models that support 62 nodes must be used. Wire-to-wire Multi-drop Tree 126 g Wire-to-optical (H-PCF) 1:1 type Wire-to-optical (GI) 1:1 type
Repeater Units are not mounted to the PLC. They are mounted separately with screws or on a DIN Track. 113 g (excluding mounting bracket) 116 g (excluding mounting bracket) 20.4 to 26.4 V DC (24 V DC -15 to 10%) 24 V DC at 0.06 A 2.5 A max. at 24 V DC (5 ms after startup) 24 V DC at 0.07 A
Repeater Units are used to expand the Controller Link network for wired models. For Wired-to-optical Repeater Units, always use a set of two (1:1). Optical Ring Controller Link Units and Boards cannot be connected to the optical cable section between Repeater Units.
6
CJ1W-CLK
External Interface
CJ1W-CLK23/CJ1W-CLK21-V1
CLK21-V1
RUN ERC INS SD RD
TER ERH M/A LNK
LED Indicators Display the Unit and network status. Unit Number Switch One rotary switch. The unit number of the Unit on the PLC is set in single-digit hexadecimal. Node Address Switches Two rotary switches. The node address of the Unit on the Controller Link Network is set in 2-digit decimal.
F012
345
UNIT No. NODE No. x101
901 901
ON
23
23
SW1
x100 1 BAUD 2 RATE TER SW
6789A
ON
BD H BD L SHLD
Definition of Terminal Block Pin Names for Communications Cables
Marking @ None BD H BD L SHLD Notation Signal name Communication data, high Communication data, low Shield Black White None Line color
Crimp Terminals
Use crimp terminals (M3) having the dimensions shown below.
6.2 mm max.
BCDE
456 456
78 78
12
ON
Baud Rate Switches A two-pin DIP switch. The following setting is made. Pins 1 and 2: Baud rate Terminating Resistance Switch A slide switch. Use this switch to set the terminating resistance to ON for nodes at both ends of the Controller Link Network.
Terminal Block for the Communications Cable Terminals to connect to the Controller Link Network communications cable (twisted-pair cable).
6.2 mm max.
7
CJ1W-CLK
Differences in Specifications of New and Old Models
Controller Link Units
Functions CJ1W-CLK23 Unit version 2.0 Number of data link send words (data link areas that are created for a single node in a single PLC) Number of send words per node (total of area 1 and area 2) Data Link Area 20,000 max. CJ1W-CLK21-V1 Unit version 1.2 Note: The following models are discontinued. CJ1W-CLK21-V1 Pre-Ver. 1.2 12,000 max.
Note: The following models are discontinued.
CJ1W-CLK21 Pre-Ver. 1.2
4,000 words max. (user-set links only)
1,000 words max.
Allocation setting can be performed for same areas in Allocation setting can be performed for same areas in areas 1 and 2. areas 1 and 2. 4 Units Supported for equality layout only. Not supported. 32 nodes
Max. Units mountable per PLC 8 Units Automatic data link setting
Choose from equality layout or 1:N allocations (common type, 1:1, chain type)
Changing data link allocations Supported (Data link tables can be changed during active data links.) during active data links Maximum connectable nodes Mixed use Compatible support software 62 nodes (See note 1.) Yes (See note 2.) CX-Integrator for CX-One CX-Net for V2.1or higher, or CX-Net CX-Programmer Ver. 5.0 for CX-Programmer Ver. or higher 7.2 or higher CX-Net for CX-Programmer Ver. 3.2 or higher
CX-Net for CX-Programmer Ver. 1.0 or higher
Note: 1. For wired models, the maximum number of nodes is 32 if Repeater Units are not used. 2. Old models and new models can be used mixed on the same network. In that case, however, build the system using the specifications for the old models. The data link send/receive words can be separately set to their maximums when new and old models are mixed.
Controller Link Support Boards (for PCI Bus)
Functions Number of data link send/ receive words (data link areas for sending/receiving that are created for a single node in a single computer) Send words per node 3G8F7-CLK23-E 3G8F7-CLK21-EV1
Note: The following models are discontinued.
3G8F7-CLK21-E
62,000 max.
32,000 max.
4,000 words max. (user-set links only)
1,000 words max. Not supported. 32 nodes
Changing data link allocations Supported. (Data link tables can be changed during active data links.) during active data links Maximum connectable nodes Mixed use Compatible FinsGateway and version of supplied CD (See note 3.) Compatible support software 62 nodes (See note 1.) Yes (See note 2.) FinsGateway Version 2003.21 or higher (CD Ver. 3.00 or higher) CX-Integrator for CX-One Ver. 2.1 or higher , or CX-Net for CX-Programmer Ver. 7.2 or higher FinsGateway Version 2003.00 or higher (CD Ver. 2.00 or higher) CX-Net for CX-Programmer Ver. 3.2 or higher
FinsGateway Version 3.00 or higher (CD Ver. 1.00 or higher) CX-Net for Ver. 1.0 or higher
Note: 1. For wired models, the maximum number of nodes is 32 if repeater units are not used. 2. Old models and new models can be used mixed on the same network. In that case, however, build the system using the specifications for the old models. The data link send/receive words can be separately set to their maximums when new and old models are mixed.. 3. FinsGateway Version 2003 is compatible with Windows XP and Windows 2000. For Windows NT4.0 (Service Pack 3 or higher), Windows ME, or Windows 98SE, use FinsGateway Version3. (With FinsGateway Version 3, only functions supported by the 3G8F7-CLK21 can be used.)
8
CJ1W-CLK
Usage Precautions
* Old models and new models can be used mixed on the same network. In that case, however, build the system using the specifications for the old models. The data link send/receive words can be separately set to their maximums when new and old models are mixed. * Repeater Units can be used to expand a Wired Controller Link Network. For Wired-to-optical Repeater Units, always use a set of two (1:1). Optical Ring Controller Link Units and Boards cannot be connected to the optical cable section between Repeater Units. * Connect Repeater Units so that there are no more than two stages between any two nodes. One set of two Wire-to-Optical Repeater Units is counted as one stage.
Dimensions
CJ1W- CLK23/ CJ1W- CLK21-V1
82 2.7 31 65
(Unit: mm)
2.7
90
9
CJ1W-CLK
Related Manuals
Cat.No Model CS1W-CLK23 CS1W-CLK21-V1 CJ1W-CLK23 CJ1W-CLK21-V1 C200HW-CLK21 CVM1-CLK21 CQM1H-CLK21 CS1W-RPT01/02/03 3G8F7-CLK12-V1 3G8F7-CLK52-V1 3G8F7-CLK21-V1 3G8F7-CLK13 3G8F7-CLK12-V1 3G8F7-CLK53 3G8F7-CLK52-V1 3G8F7-CLK23 3G8F7-CLK21-V1 3G8F7-CLK13 3G8F7-CLK12-V1 3G8F7-CLK53 3G8F7-CLK52-V1 3G8F7-CLK23 3G8F7-CLK21-V1 Name Applications Used when information regarding operating procedures for Wired Controller Link Units is needed. Description
W309
Controller Link Units Operation Manual
Describes operating procedures for Controller Link Units. Controller Link Units can connect to Wired Controller Link Units.
W422
Used when information Controller Link Support Boards for PCI Bus regarding setup procedures Describes the setup method for for Controller Link Support the Controller Link Support Boards Installation Guide for PCI bus connections. Boards for PCI bus (3G8F7-CLK12/21/52-V1) connections is needed. Used when information Controller Link Support Board for PCI Bus regarding setup procedures Describes the setup method for for Controller Link Support the Controller Link Support Boards Installation Guide for PCI bus connections. (3G8F7-CLK13/12-V1/53/52-V1/23/21-V1) Boards for PCI bus connections is needed. Used when information regarding setup procedures Describes the setup method for Controller Link Support Boards for PCI Bus for Controller Link Support the Controller Link Support Boards Operation Manual for PCI bus connections. Boards for PCI bus connections is needed. Used when network setup or network monitoring needs to be performed. Used when installing software from the CX-One. Describes the operating procedures for the CX-Integrator. Provides an overview of the FA Integration Tool Package CX-One, and describes the CX-One installation procedures.
W467
W383
W464
CXONE-AL@@C-JV2/ CX-Integrator Ver. 2.1 Operation Manual AL@@D-JV2 CX-One Ver. 2.1 FA Integrated Tool CXONE-AL@@C-JV2/ Package AL@@D-JV2 Setup Manual
W463
10
Read and Understand This Catalog
Please read and understand this catalog before purchasing the products. Please consult your OMRON representative if you have any questions or comments.
Warranty and Limitations of Liability
WARRANTY
OMRON's exclusive warranty is that the products are free from defects in materials and workmanship for a period of one year (or other period if specified) from date of sale by OMRON. OMRON MAKES NO WARRANTY OR REPRESENTATION, EXPRESS OR IMPLIED, REGARDING NON-INFRINGEMENT, MERCHANTABILITY, OR FITNESS FOR PARTICULAR PURPOSE OF THE PRODUCTS. ANY BUYER OR USER ACKNOWLEDGES THAT THE BUYER OR USER ALONE HAS DETERMINED THAT THE PRODUCTS WILL SUITABLY MEET THE REQUIREMENTS OF THEIR INTENDED USE. OMRON DISCLAIMS ALL OTHER WARRANTIES, EXPRESS OR IMPLIED.
LIMITATIONS OF LIABILITY
OMRON SHALL NOT BE RESPONSIBLE FOR SPECIAL, INDIRECT, OR CONSEQUENTIAL DAMAGES, LOSS OF PROFITS OR COMMERCIAL LOSS IN ANY WAY CONNECTED WITH THE PRODUCTS, WHETHER SUCH CLAIM IS BASED ON CONTRACT, WARRANTY, NEGLIGENCE, OR STRICT LIABILITY. In no event shall the responsibility of OMRON for any act exceed the individual price of the product on which liability is asserted. IN NO EVENT SHALL OMRON BE RESPONSIBLE FOR WARRANTY, REPAIR, OR OTHER CLAIMS REGARDING THE PRODUCTS UNLESS OMRON'S ANALYSIS CONFIRMS THAT THE PRODUCTS WERE PROPERLY HANDLED, STORED, INSTALLED, AND MAINTAINED AND NOT SUBJECT TO CONTAMINATION, ABUSE, MISUSE, OR INAPPROPRIATE MODIFICATION OR REPAIR.
Application Considerations
SUITABILITY FOR USE
OMRON shall not be responsible for conformity with any standards, codes, or regulations that apply to the combination of products in the customer's application or use of the products. At the customer's request, OMRON will provide applicable third party certification documents identifying ratings and limitations of use that apply to the products. This information by itself is not sufficient for a complete determination of the suitability of the products in combination with the end product, machine, system, or other application or use. The following are some examples of applications for which particular attention must be given. This is not intended to be an exhaustive list of all possible uses of the products, nor is it intended to imply that the uses listed may be suitable for the products: * Outdoor use, uses involving potential chemical contamination or electrical interference, or conditions or uses not described in this catalog. * Nuclear energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equipment, and installations subject to separate industry or government regulations. * Systems, machines, and equipment that could present a risk to life or property. Please know and observe all prohibitions of use applicable to the products. NEVER USE THE PRODUCTS FOR AN APPLICATION INVOLVING SERIOUS RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT THE SYSTEM AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE RISKS, AND THAT THE OMRON PRODUCTS ARE PROPERLY RATED AND INSTALLED FOR THE INTENDED USE WITHIN THE OVERALL EQUIPMENT OR SYSTEM.
PROGRAMMABLE PRODUCTS
OMRON shall not be responsible for the user's programming of a programmable product, or any consequence thereof.
Disclaimers
CHANGE IN SPECIFICATIONS
Product specifications and accessories may be changed at any time based on improvements and other reasons. It is our practice to change model numbers when published ratings or features are changed, or when significant construction changes are made. However, some specifications of the products may be changed without any notice. When in doubt, special model numbers may be assigned to fix or establish key specifications for your application on your request. Please consult with your OMRON representative at any time to confirm actual specifications of purchased products.
DIMENSIONS AND WEIGHTS
Dimensions and weights are nominal and are not to be used for manufacturing purposes, even when tolerances are shown.
PERFORMANCE DATA
Performance data given in this catalog is provided as a guide for the user in determining suitability and does not constitute a warranty. It may represent the result of OMRON's test conditions, and the users must correlate it to actual application requirements. Actual performance is subject to the OMRON Warranty and Limitations of Liability.
ERRORS AND OMISSIONS
The information in this document has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical, or proofreading errors, or omissions.
2009.1 In the interest of product improvement, specifications are subject to change without notice.
Industrial Automation Company
http://www.ia.omron.com/
OMRON Corporation
(c)Copyright OMRON Corporation 2009 All Right Reserved.


▲Up To Search▲   

 
Price & Availability of CJ1W-CLK21-V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X